Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2880 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 35Page - NXP Semiconductors LPC2880 Datasheet HTML 36Page - NXP Semiconductors LPC2880 Datasheet HTML 37Page - NXP Semiconductors LPC2880 Datasheet HTML 38Page - NXP Semiconductors LPC2880 Datasheet HTML 39Page - NXP Semiconductors LPC2880 Datasheet HTML 40Page - NXP Semiconductors LPC2880 Datasheet HTML 41Page - NXP Semiconductors LPC2880 Datasheet HTML 42Page - NXP Semiconductors LPC2880 Datasheet HTML 43Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
39 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
10. Package outline
Fig 8.
Package outline SOT640-1 (TFBGA180)
0.5
A1
b
A2
UNIT
Dy
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-06-07
03-03-03
IEC
JEDEC
JEITA
mm
1.11
0.31
0.19
0.84
0.76
10.1
9.9
y1
10.1
9.9
0.39
0.29
0.12
0.1
e1
8.5
e2
8.5
DIMENSIONS (mm are the original dimensions)
SOT640-1
MO-195
E
0.1
v
0.15
w
0
2.5
5 mm
scale
SOT640-1
TFBGA180: plastic thin fine-pitch ball grid array package; 180 balls; body 10 x 10 x 0.8 mm
A
max.
A
A2
A1
detail X
y
y1 C
e
e
b
X
D
E
C
A
B
C
D
E
F
H
J
K
L
M
N
P
R
T
U
V
G
2468
9
10
11
12
13
14
15
16
17
18
1357
B
A
e2
e1
ball A1
index area
ball A1
index area
A
C
C
B
∅ v M
∅ w M
1/2
e
1/2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com