Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2888 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2888 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 17Page - NXP Semiconductors LPC2888 Datasheet HTML 18Page - NXP Semiconductors LPC2888 Datasheet HTML 19Page - NXP Semiconductors LPC2888 Datasheet HTML 20Page - NXP Semiconductors LPC2888 Datasheet HTML 21Page - NXP Semiconductors LPC2888 Datasheet HTML 22Page - NXP Semiconductors LPC2888 Datasheet HTML 23Page - NXP Semiconductors LPC2888 Datasheet HTML 24Page - NXP Semiconductors LPC2888 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
21 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• Supports normal (100 kHz) and fast (400 kHz) operation.
6.16 10-bit ADC
The LPC2880/2888 contains a single 10-bit successive approximation ADC with five
multiplexed channels.
6.16.1 Features
• 10-bit successive approximation ADC.
• Input multiplexing among 5 pins.
• Power-down mode.
• Measurement range 0 V to 3.3 V.
• 10-bit conversion time
≥ 2.44 µs.
• Single or continuous conversion mode.
6.17 Analog I/O
The analog I/O system includes an I2S-bus input channel, an I2S-bus output channel, a
dual ADC, and a dual DAC. Each channel includes a separate 4-sample FIFO.
Each of the two ADC inputs is connected to a Programmable Gain Amplifier (PGA).
Each DAC has two output pins.
6.17.1 Features
• I2S-bus input channel with a 4-sample FIFO for stereo DAI.
• I2S-bus output channel with a 4-sample FIFO for stereo DAO.
• Dual 16-bit ADCs with individual inputs routed through programmable gain amplifiers.
Input takes place through a 4-sample FIFO.
• Dual 16-bit DACs. Each DAC has its own output pin. Output takes place through a
4-sample FIFO.
6.18 USB 2.0 Hi-Speed device controller
The USB is a 4-wire bus that supports communication between a host and a number (127
maximum) of peripherals. The host controller allocates the USB bandwidth to attached
devices through a token based protocol. The bus supports hot plugging, un-plugging and
dynamic configuration of the devices. All transactions are initiated by the host controller.
The host schedules transactions in 1 ms frames. Each frame contains an SOF marker and
transactions that transfer data to/from device endpoints. There are four types of transfers
defined for the endpoints. Control transfers are used to configure the device. Interrupt
transfers are used for periodic data transfer. Bulk transfers are used when rate of transfer
is not critical. Isochronous transfers have guaranteed delivery time but no error correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com