Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2888 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2888 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2888 Datasheet HTML 1Page - NXP Semiconductors LPC2888 Datasheet HTML 2Page - NXP Semiconductors LPC2888 Datasheet HTML 3Page - NXP Semiconductors LPC2888 Datasheet HTML 4Page - NXP Semiconductors LPC2888 Datasheet HTML 5Page - NXP Semiconductors LPC2888 Datasheet HTML 6Page - NXP Semiconductors LPC2888 Datasheet HTML 7Page - NXP Semiconductors LPC2888 Datasheet HTML 8Page - NXP Semiconductors LPC2888 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
3 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
4.
Block diagram
(1) LPC2888 only.
Fig 1.
Block diagram
MULTI-LAYER AHB
AIN[4:0]
Px.y
WATCHDOG
TIMER
SD/MMC CARD
INTERFACE
GENERAL
PURPOSE I/O
SYSTEM
CONTROL
EVENT
ROUTER
register
interface
DC-TO-DC
CONVERTER
START,
STOP
SCL, SDA
MCLK, MCMD
MD[3:0]
DATI
BCKI, WSI
AOUTA,
AOUTA_DAC,
AOUTB,
AOUTB_DAC
VREF,
AIN_LNA,
AINA, AINB
DATO
BCKO, DCLKO,
WSO
+1.5 V
or +5 V
3.3 V,
1.8 V
XTALI
XTALO
X32I
X32O
CLOCK
GENERATION
UNIT
OSCILLATOR
AND PLLs
ARM7TDMI
JTAG DEBUG
INTERFACE
8 kB CACHE
FLASH
INTERFACE
1 MB
FLASH(1)
SRAM
INTERFACE
64 kB
SRAM
ROM
INTERFACE
BOOT
ROM
REAL-TIME
CLOCK
OSCILLATOR
FIFO
FIFO
I2S-BUS
INPUT
FIFO
I2S-BUS
OUTPUT
TRIPLE ANALOG
INPUT
FIFO
DUAL ANALOG
OUTPUT
EXTERNAL
MEMORY
CONTROLLER
A[20:0],
D[15:0],
etc.
VECTORED
INTERRUPT
CONTROLLER
HS USB
WITH DMA
DP, DM, VBUS,
RREF, RPU
LPC2880/2888
AHB TO APB
BRIDGE 0
AHB TO APB
BRIDGE 3
AHB TO APB
BRIDGE 1
AHB TO APB
BRIDGE 2
GP DMA
CONTROLLER
10-BIT A/D
CONVERTER
AOUT_LNA
UART WITH
IrDA
TXD, RTS
RXD, CTS
LCD
INTERFACE
LCD bus
I2C-BUS
INTERFACE
32-BIT
TIMER 0
32-BIT
TIMER 1
002aac296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com