Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9321 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89LPC9321
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9321 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89LPC9321 Datasheet HTML 42Page - NXP Semiconductors P89LPC9321 Datasheet HTML 43Page - NXP Semiconductors P89LPC9321 Datasheet HTML 44Page - NXP Semiconductors P89LPC9321 Datasheet HTML 45Page - NXP Semiconductors P89LPC9321 Datasheet HTML 46Page - NXP Semiconductors P89LPC9321 Datasheet HTML 47Page - NXP Semiconductors P89LPC9321 Datasheet HTML 48Page - NXP Semiconductors P89LPC9321 Datasheet HTML 49Page - NXP Semiconductors P89LPC9321 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
P89LPC9321_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 9 December 2008
46 of 70
NXP Semiconductors
P89LPC9321
8-bit microcontroller with accelerated two-clock 80C51 core
After the operation finishes, the hardware will set the EEIF bit, which if enabled will
generate an interrupt. The flag is cleared by software.
Remark: When voltage supply is lower than 2.4 V, the BOD FLASH is tripped and Data
EEPROM program or erase is blocked. EWERR1 and EWERR0 bits are used to indicate
the write error for BOD EEPROM. Both can be cleared by power on reset, watchdog reset
or software write.
7.30 Flash program memory
7.30.1 General description
The P89LPC9321 flash memory provides in-circuit electrical erasure and programming.
The flash can be erased, read, and written as bytes. The Sector and Page Erase functions
can erase any flash sector (1 kB) or page (64 bytes). The Chip Erase operation will erase
the entire program memory. ICP using standard commercial programmers is available. In
addition, IAP and byte-erase allows code memory to be used for non-volatile data storage.
On-chip erase and write timing generation contribute to a user-friendly programming
interface. The P89LPC9321 flash reliably stores memory contents even after
100,000 erase and program cycles. The cell is designed to optimize the erase and
programming mechanisms. The P89LPC9321 uses VDD as the supply voltage to perform
the Program/Erase algorithms. When voltage supply is lower than 2.4 V, the BOD FLASH
is tripped and flash erase/program is blocked.
7.30.2 Features
• Programming and erase over the full operating voltage range.
• Byte erase allows code memory to be used for data storage.
• Read/Programming/Erase using ISP/IAP/ICP.
• Internal fixed boot ROM, containing low-level IAP routines available to user code.
• Default loader providing ISP via the serial port, located in upper end of user program
memory.
• Boot vector allows user-provided flash loader code to reside anywhere in the flash
memory space, providing flexibility to the user.
• Any flash program/erase operation in 2 ms.
• Programming with industry-standard commercial programmers.
• Programmable security for the code in the flash for each sector.
• 100,000 typical erase/program cycles for each byte.
• 10 year minimum data retention.
7.30.3 Flash organization
The program memory consists of eight 1 kB sectors on the P89LPC9321 devices. Each
sector can be further divided into 64-byte pages. In addition to sector erase, page erase,
and byte erase, a 64-byte page register is included which allows from 1 to 64 bytes of a
given page to be programmed at the same time, substantially reducing overall
programming time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com