Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC985FDH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89LPC985FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC985FDH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89LPC985FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC985FDH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
PWMD4L
PWM Free Cycle
Register 4 Low
Byte
ABH
00
0000 0000
RCAP2H
Capture Register
2 High Byte
FCH
00
0000 0000
RCAP2L
Capture Register
2 Low Byte
FBH
00
0000 0000
RCAP3H
Capture Register
3 High Byte
ECH
00
0000 0000
RCAP3L
Capture Register
3 Low Byte
EBH
00
0000 0000
RCAP4H
Capture Register
4 High Byte
CAH
00
0000 0000
RCAP4L
Capture Register
4 Low Byte
C9H
00
0000 0000
RSTSRC
Reset source
register
DFH
-
BOIF
BORF
POF
R_KB
R_WD
R_SF
R_EX
[3]
RTCCON
RTC control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60[2][4] 011x xx00
RTCH
RTC register high
D2H
00[4]
0000 0000
RTCL
RTC register low
D3H
00[4]
0000 0000
SADDR
Serial port
address register
A9H
00
0000 0000
SADEN
Serial port
address enable
B9H
00
0000 0000
SBUF
Serial Port data
buffer register
99H
xx
xxxx xxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
0000 0000
SSTAT
Serial port
extended status
register
BAH
DBMOD
INTLO
CIDIS
DBISEL
FE
BR
OE
STINT
00
0000 0000
SP
Stack pointer
81H
07
0000 0111
Table 4.
Special function registers - P89LPC980/982 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com