Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9516AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 2Page - NXP Semiconductors PCA9516AD Datasheet HTML 3Page - NXP Semiconductors PCA9516AD Datasheet HTML 4Page - NXP Semiconductors PCA9516AD Datasheet HTML 5Page - NXP Semiconductors PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
6 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
The PCA9516A is 5.5 V tolerant so it does not require any additional circuitry to translate
between the different bus voltages.
When one side of the PCA9516A is pulled LOW by a device on the I2C-bus, a CMOS
hysteresis type input detects the falling edge and causes an internal driver on the other
side to turn on, thus causing the other side to also go LOW. The side driven LOW by the
PCA9516A will typically be at VOL = 0.5 V.
In order to illustrate what would be seen in a typical application, refer to Figure 6 and
Figure 7. If the bus master in Figure 5 were to write to the slave through the PCA9516A,
we would see the waveform shown in Figure 6 on Bus 0. This looks like a normal I2C-bus
transmission until the falling edge of the 8th clock pulse. At that point, the master releases
the data line (SDA) while the slave pulls it LOW through the PCA9516A. Because the VOL
of the PCA9516A is typically around 0.5 V, a step in the SDA will be seen. After the master
has transmitted the 9th clock pulse, the slave releases the data line.
On the Bus 1 side of the PCA9516A, the clock and data lines would have a positive offset
from ground equal to the VOL of the PCA9516A. After the 8th clock pulse, the data line will
be pulled to the VOL of the slave device that is very close to ground in our example.
It is important to note that any arbitration or clock stretching events on Bus 1 require that
the VOL of the devices on Bus 1 be 70 mV below the VOL of the PCA9516A (see VOL−VILc
in Section 9 “Static characteristics”) to be recognized by the PCA9516A and then
transmitted to Bus 0.
Fig 5.
Typical application
002aae617
SCL1
SDA1
SLAVE 1
SDA
SCL
400 kHz
5 V
SCL2
SDA2
SLAVE 2
SDA
SCL
400 kHz
3.3 V
SCL3
SDA3
SLAVE 3
SDA
SCL
100 kHz
5 V
SCL4
SDA4
3.3 V or 5 V
PCA9516A
VCC
SCL0
SDA0
SCL
3.3 V
SDA
EN2
EN1
EN3
EN4
BUS
MASTER
400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com