Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9516AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 6Page - NXP Semiconductors PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors PCA9516AD Datasheet HTML 11Page - NXP Semiconductors PCA9516AD Datasheet HTML 12Page - NXP Semiconductors PCA9516AD Datasheet HTML 13Page - NXP Semiconductors PCA9516AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
10 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
10. Dynamic characteristics
[1]
Typical value taken at 2.5 V and 25
°C.
[2]
Different load resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and transition times.
[1]
Typical value taken at 3.3 V and 25
°C.
[2]
Different load resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and transition times.
Table 7.
Dynamic characteristics (VCC = 2.3 V to 2.7 V)
VCC =2.3 V to 2.7 V; GND=0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
tPHL
HIGH to LOW propagation delay
Figure 8
45
93
150
ns
tPLH
LOW to HIGH propagation delay
Figure 8
[2] 33
90
135
ns
tTHL
HIGH to LOW output transition time
Figure 8
-60
-
ns
tTLH
LOW to HIGH output transition time
Figure 8
[2] -
131
-
ns
tsu
set-up time
ENn to START condition
100
-
-
ns
th
hold time
ENn after STOP condition
130
-
-
ns
Table 8.
Dynamic characteristics (VCC = 3.0 V to 3.6 V)
VCC =3.0 V to 3.6 V; GND=0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
tPHL
HIGH to LOW propagation delay
Figure 8
45
75
120
ns
tPLH
LOW to HIGH propagation delay
Figure 8
[2] 33
60
83
ns
tTHL
HIGH to LOW output transition time
Figure 8
-47
-
ns
tTLH
LOW to HIGH output transition time
Figure 8
[2] -
130
-
ns
tsu
set-up time
ENn to START condition
100
-
-
ns
th
hold time
ENn after STOP condition
100
-
-
ns
Fig 8.
Propagation delay and transition times
002aad478
3.3 V
3.3 V
tPLH
tTHL
1.5 V
1.5 V
input
output
20 %
1.5 V
1.5 V
80 %
20 %
80 %
tPHL
tTLH
VOL
0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com