Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9516AD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9516AD
Description  5-channel I2C-bus hub
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9516AD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9516AD Datasheet HTML 7Page - NXP Semiconductors PCA9516AD Datasheet HTML 8Page - NXP Semiconductors PCA9516AD Datasheet HTML 9Page - NXP Semiconductors PCA9516AD Datasheet HTML 10Page - NXP Semiconductors PCA9516AD Datasheet HTML 11Page - NXP Semiconductors PCA9516AD Datasheet HTML 12Page - NXP Semiconductors PCA9516AD Datasheet HTML 13Page - NXP Semiconductors PCA9516AD Datasheet HTML 14Page - NXP Semiconductors PCA9516AD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PCA9516A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 April 2009
11 of 19
NXP Semiconductors
PCA9516A
5-channel I2C-bus hub
11. Test information
RL = load resistor; 1.35 kΩ.
CL = load capacitance includes jig and probe capacitance; 50 pF.
RT = termination resistance should be equal to Zo of pulse generators.
Fig 9.
Test circuit for open-drain outputs
PULSE
GENERATOR
VO
CL
RL
002aad479
RT
VI
VCC
VCC
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com