Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/01 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9541AD/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/01 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9541AD/01 Datasheet HTML 13Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 14Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 15Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 16Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 17Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 18Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 19Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 20Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
17 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
[1]
Default values are the same for PCA9541A/01 and PCA9541A/03.
[2]
Reading the Interrupt Status Register does not clear the MYTEST, NMYTEST or the INTIN bits. They are cleared if:
INT_IN lines goes HIGH for INTIN bit
TESTON bit is cleared for MYTEST bit
NTESTON bit is cleared for NMYTEST bit
[3]
Interrupt on a master is cleared after TESTON bit is cleared by the same master or NTESTON bit is cleared by the other master.
[4]
BUSINIT, BUSOK and BUSLOST bits in the Interrupt Status Register get cleared after a read of the same register is done. Precisely, the
register gets cleared on the second clock pulse during the read operation.
[5]
If the interrupt condition remains on INT_IN after the read sequence, another interrupt will be generated (if the interrupt has not been
masked).
8.5 Power-on reset
When power is applied to VDD, an internal power-on reset holds the PCA9541A in a reset
condition until VDD has reached VPOR. At this point, the reset condition is released and the
internal registers are initialized to their default states, with:
• PCA9541A/01: default Channel 0 (no STOP detect)
After power-up and/or insertion of the device in the main I2C-bus, the upstream
Channel 0 and the downstream slave channel are connected together.
• PCA9541A/03: default ‘no channel’ (no STOP detect)
After power-up and/or insertion of the device in the main I2C-bus, no channel will be
connected to the downstream channel. The device is ready to receive a START
condition and its address by a master.
If either register writes to its Control Register, then the connection between the
upstream and the downstream channels is determined by the values on the Control
Registers.
Thereafter, VDD must be lowered below 0.2 V to reset the device.
2
BUSOK[4]
R only
0*
no interrupt generated by bus sensor function
1
interrupt generated by bus sensor function (masked when bus
recovery/initialization requested) - Bus was not idle when the switch occurred
1
BUSINIT[4]
R only
0*
no interrupt generated by the bus recovery/initialization function
1
interrupt generated by the bus recovery/initialization function;
recovery/initialization done
0
INTIN[2]
R only
0*
no interrupt on interrupt input (INT_IN)[5]
1
interrupt on interrupt input (INT_IN)[5]
Table 14.
Register 2 - Interrupt Status (ISTAT) register bit description …continued
Legend: * default value
Bit
Symbol
Access Value[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com