Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/01 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9541AD/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/01 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9541AD/01 Datasheet HTML 14Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 15Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 16Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 17Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 18Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 19Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 20Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 21Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
18 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
8.6 External reset
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst)L. The
PCA9541A registers and I2C-bus state machine will be held in their default states until the
RESET input is once again HIGH. This input typically requires a pull-up resistor to VDD.
Default states are:
• I2C-bus upstream Channel 0 connected to the I2C-bus downstream channel for the
PCA9541A/01
• no I2C-bus upstream channel connected to the I2C-bus downstream channel for the
PCA9541A/03.
8.7 Voltage translation
The pass gate transistors of the PCA9541A are constructed such that the VDD voltage can
be used to limit the maximum voltage that will be passed from one I2C-bus to another.
Figure 8 shows the voltage characteristics of the pass gate transistors (note that the graph
was generated using the data specified in Section 12 “Static characteristics” of this data
sheet). In order for the PCA9541A to act as a voltage translator, the Vo(sw) voltage should
be equal to, or lower than the lowest bus voltage. For example, if the main buses were
running at 5 V, and the downstream bus was 3.3 V, then Vo(sw) should be equal to or below
3.3 V to effectively clamp the downstream bus voltages. Looking at Figure 8, we see that
Vo(sw)(max) will be at 3.3 V when the PCA9541A supply voltage is 3.5 V or lower so the
PCA9541A supply voltage could be set to 3.3 V. Pull-up resistors can then be used to
bring the bus voltages to their appropriate levels (see Figure 17).
More Information on voltage translation can be found in Application Note
AN262:
PCA954X family of I2C/SMBus multiplexers and switches.
(1) maximum
(2) typical
(3) minimum
Fig 8.
Pass gate voltage as a function of supply voltage
VDD (V)
2.0
5.5
4.5
3.0
4.0
002aaa964
3.0
2.0
4.0
5.0
Vo(sw)
(V)
1.0
3.5
5.0
2.5
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com