Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541AD/01 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA9541AD/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541AD/01 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA9541AD/01 Datasheet HTML 24Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 25Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 26Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 27Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 28Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 29Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 30Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 31Page - NXP Semiconductors PCA9541AD/01 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
28 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
11. Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 125
°C.
12. Static characteristics
Table 15.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to VSS (ground = 0 V).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
II
input current
−20
+20
mA
IO
output current
−25
+25
mA
IDD
supply current
−100
+100
mA
ISS
ground supply current
−100
+100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
−60
+150
°C
Tamb
ambient temperature
operating in free air
−40
+85
°C
Table 16.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
3.6
V
IDD
supply current
Operating mode; no load;
VI =VDD or VSS; fSCL = 100 kHz
VDD = 3.6 V
-
152
200
µA
VDD = 5.5 V
-
349
600
µA
Istb
standby current
Standby mode; no load;
VI =VDD or VSS; fSCL = 0 kHz
VDD = 3.6 V
-
30
80
µA
VDD = 5.5 V
-
40
100
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -
1.5
2.1
V
Input SCL_MSTn; input/output SDA_MSTn (upstream and downstream channels)
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current VOL = 0.4 V
3
-
-
mA
VOL = 0.6 V
6
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V
-
4
5
pF
VDD = 3.6 V to 5.5 V
-
4
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com