Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9600DP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 17Page - NXP Semiconductors PCA9600DP Datasheet HTML 18Page - NXP Semiconductors PCA9600DP Datasheet HTML 19Page - NXP Semiconductors PCA9600DP Datasheet HTML 20Page - NXP Semiconductors PCA9600DP Datasheet HTML 21Page - NXP Semiconductors PCA9600DP Datasheet HTML 22Page - NXP Semiconductors PCA9600DP Datasheet HTML 23Page - NXP Semiconductors PCA9600DP Datasheet HTML 24Page - NXP Semiconductors PCA9600DP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
21 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
Question: We have 2 meters of cable in a bus that joins the TX/RX sides of two
PCA9600 devices. When one TX drives LOW the other PCA9600 TX/RX is driven to
−0.8 V for over 50 ns. What is the expected value and the theoretically allowed value of
undershoot?
Answer: Because the cable joining the two PCA9600s is a ‘transmission line’ that will
have a characteristic impedance around 100
Ω and it will be terminated by pull-up
resistors that are larger than that characteristic impedance there will always be negative
undershoot generated. The duration of the undershoot is a function of the cable length
and the input impedance of the connected IC. As shown in Figure 24, the transient
undershoot will be limited, by the diodes inside PCA9600, to around
−0.8 V and that will
not cause problems for PCA9600. Those transients will not be passed inside the IC to
the SX/SY side of the IC.
Question: If we input 800 mV undershoot at TX, RX pins, what kind of problem is
expected?
Answer: When that undershoot is generated by another PCA9600 and is simply the
result of the system wiring, then there will be no problems.
Question: Will we have any functional problem or reliability problem?
Answer: No.
Fig 24. Wiring transients limited by the diodes in PCA9600
002aaf082
time (ns)
2
0
4
6
voltage
(V)
−2
horizontal scale = 62.5 ns/div
send
receive
5 V
RX
TX
SX
PCA9600
send
300
Ω
5 V
2 meter
cable
5 V
300
Ω
GND
receive
SX
RX
TX
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com