Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9600DP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 9Page - NXP Semiconductors PCA9600DP Datasheet HTML 10Page - NXP Semiconductors PCA9600DP Datasheet HTML 11Page - NXP Semiconductors PCA9600DP Datasheet HTML 12Page - NXP Semiconductors PCA9600DP Datasheet HTML 13Page - NXP Semiconductors PCA9600DP Datasheet HTML 14Page - NXP Semiconductors PCA9600DP Datasheet HTML 15Page - NXP Semiconductors PCA9600DP Datasheet HTML 16Page - NXP Semiconductors PCA9600DP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PCA9600_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 November 2009
13 of 30
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
For more examples of faster alternatives for driving over longer cables such as Cat5
communication cable, see
AN10658. Communication at 1 MHz is possible over short
cables and > 400 kHz is possible over 50 m of cable.
Fig 14. Driving ribbon or flat telephone cables
PCA9600
SCL
RX
TX
002aac851
SX
VCC
TY
RY
SY
R2
R2
C2
C2
I2C-BUS
MASTER
SDA
VCC1
GND
R1
R1
BAT54A
cable
propagation
delay
≈ 5 ns/m
BAT54A
R1
R1
PCA9600
RX
TX
TY
RY
VCC
SX
SY
R2
R2
SCL
SDA
VCC2
GND
I2C-BUS
SLAVE(S)
C2
C2
+V cable drive
Table 7.
Examples of bus capability
Refer to Figure 14.
VCC1
(V)
+V
cable
(V)
VCC2
(V)
R1
(
Ω)
R2
(k
Ω)
C2
(pF)
Cable
length
(m)
Cable
capacitance
Cable
delay
Set master
nominal SCL
Effective
bus clock
speed
(kHz)
Max. slave
response
delay
HIGH
period
(ns)
LOW
period
(ns)
5
12
5
750
2.2
400
250
n/a
(delay based)
1.25
µs 600
3850
125
normal
specification
400 kHz parts
5
12
5
750
2.2
220
100
n/a
(delay based)
500 ns
600
2450
195
normal
specification
400 kHz parts
3.3
5
3.3
330
1
220
25
1 nF
125 ns
260
770
620
meets Fm+
specification
3.3
5
3.3
330
1
100
3
120 pF
15 ns
260
720
690
meets Fm+
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com