Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113X Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2113X Datasheet HTML 24Page - NXP Semiconductors PCF2113X Datasheet HTML 25Page - NXP Semiconductors PCF2113X Datasheet HTML 26Page - NXP Semiconductors PCF2113X Datasheet HTML 27Page - NXP Semiconductors PCF2113X Datasheet HTML 28Page - NXP Semiconductors PCF2113X Datasheet HTML 29Page - NXP Semiconductors PCF2113X Datasheet HTML 30Page - NXP Semiconductors PCF2113X Datasheet HTML 31Page - NXP Semiconductors PCF2113X Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
28 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
9.2 Return home
‘Return home’ sets the DDRAM address counter to 0 and returns the display to its original
position if it was shifted. DDRAM contents do not change. The cursor or blink position
goes to the left of the first display line. I/D and S of entry mode do not change.
9.3 Entry mode set
9.3.1 Bit I/D
When I/D = 1 (0) the DDRAM or CGRAM address increments (decrements) by 1 when
data is written into or read from the DDRAM or CGRAM. The cursor or blink position
moves to the right when incremented and to the left when decremented. The cursor
underline and cursor character blink are inhibited when the CGRAM is accessed.
9.3.2 Bit S
When S = 1, the entire display shifts either to the right (I/D = 0) or to the left (I/D = 1)
during a DDRAM write. Thus it appears as if the cursor stands still and the display moves.
The display does not shift when reading from the DDRAM, or when writing to or reading
from the CGRAM.
When S = 0, the display does not shift.
9.4 Display control (and partial Power-down mode)
9.4.1 Bit D
The display is on when D = 1 and off when D = 0. Display data in the DDRAM is not
affected and can be displayed immediately by settingD=1.
When the display is off (D = 0) the chip is in partial Power-down mode:
• The LCD outputs are connected to VSS
• The LCD generator and bias generator are turned off
Three oscillator cycles are required after sending the ‘display off’ instruction to ensure all
outputs are at VSS, afterwards the oscillator can be stopped. If the oscillator is running
during partial Power-down mode (‘display off’) the chip can still execute instructions. Even
lower current consumption is obtained by inhibiting the oscillator (pin OSC = VSS).
To ensure IDD < 1 µA, pin PD and the parallel bus pins DB7 to DB0 should be connected
to VDD, pins RS and R/W to VDD or left open-circuit.
Recovery from Power-down mode: connect pin PD back to VSS, if necessary pin OSC
back to VDD and send a ‘display control’ instruction with D = 1.
9.4.2 Bit C
The cursor is displayed when C = 1 and inhibited when C = 0. The cursor is displayed
using 5 dots in the 8th line (see Figure 12). Even if the cursor disappears, the display
functions like I/D, remain in operation during display data write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com