Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2113X Datasheet HTML 1Page - NXP Semiconductors PCF2113X Datasheet HTML 2Page - NXP Semiconductors PCF2113X Datasheet HTML 3Page - NXP Semiconductors PCF2113X Datasheet HTML 4Page - NXP Semiconductors PCF2113X Datasheet HTML 5Page - NXP Semiconductors PCF2113X Datasheet HTML 6Page - NXP Semiconductors PCF2113X Datasheet HTML 7Page - NXP Semiconductors PCF2113X Datasheet HTML 8Page - NXP Semiconductors PCF2113X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
1.
General description
The PCF2113x is a low-power CMOS LCD controller and driver, designed to drive a dot
matrix LCD display of 2 lines of 12 characters or 1 line of 24 characters with 5
× 8 dot
format. All necessary functions for the display are provided in a single chip, including
on-chip generation of LCD bias voltages, resulting in a minimum of external components
and lower system current consumption. The PCF2113x interfaces to most
microcontrollers via a 4-bit or 8-bit bus or via the 2-wire I2C-bus. The chip contains a
character generator and displays alphanumeric and kana (Japanese) characters.
The letter ‘x’ in PCF2113x characterizes the built-in character set. Various character sets
can be manufactured on request.
2.
Features
I Single-chip LCD controller/driver
I 2-line display of up to 12 characters + 120 icons, or 1-line display of up to
24 characters + 120 icons
I 5 × 7 character format plus cursor; 5 × 8 for kana (Japanese) and user-defined
symbols
I Icon mode for e.g. additional segment display section: reduced current consumption
while displaying icons only
I Icon blink function
I Very low current consumption (20 µAto200 µA):
N Icon mode: < 25 µA
N Power-down mode: < 2 µA
I On-chip:
N Configurable 4, 3 or 2 voltage multiplier, generating LCD supply voltage VLCD,
independent of VDD, programmable by instruction (external supply also possible)
N Temperature compensation of on-chip generated VLCD: −0.16 %/K to −0.24 %/K
(programmable by instruction)
N Generation of intermediate LCD bias voltages
N Oscillator requires no external components (external clock also possible)
I Display data RAM: 80 characters
I Character generator ROM: 240 characters of 5 × 8 dots
I Character generator RAM: 16 characters of 5 × 8 dots; 3 characters used to drive
120 icons, 6 characters used if icon blink feature is used in application
I 4-bit or 8-bit parallel bus and 2-wire I2C-bus interface
I 18 row and 60 column outputs
PCF2113x
LCD controllers/drivers
Rev. 04 — 4 March 2008
Product data sheet


Similar Part No. - PCF2113X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
More results

Similar Description - PCF2113X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
LCD controllers/drivers
1998 May 11
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
logo
National Semiconductor ...
DS8887 NSC-DS8887 Datasheet
232Kb / 4P
DISPLAY CONTROLLERS / DRIVERS
logo
NXP Semiconductors
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2119X-2 PHILIPS-PCF2119X-2 Datasheet
261Kb / 60P
LCD controllers/drivers
28. August 2000
PCF2119X NXP-PCF2119X Datasheet
457Kb / 79P
LCD controllers/drivers
Rev. 05-13 August 2009
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
LCD drivers
Rev. 3 - 6 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com