Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2113X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2113X
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113X Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2113X Datasheet HTML 1Page - NXP Semiconductors PCF2113X Datasheet HTML 2Page - NXP Semiconductors PCF2113X Datasheet HTML 3Page - NXP Semiconductors PCF2113X Datasheet HTML 4Page - NXP Semiconductors PCF2113X Datasheet HTML 5Page - NXP Semiconductors PCF2113X Datasheet HTML 6Page - NXP Semiconductors PCF2113X Datasheet HTML 7Page - NXP Semiconductors PCF2113X Datasheet HTML 8Page - NXP Semiconductors PCF2113X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
5 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
Fig 3.
Bonding pad locations for PCF2113xU (bottom view)
mgu205
dummy pad 6
C2
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
110
111
C1
R8
R7
R6
R5
R4
R3
R2
R1
R17
E
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VDD2
VDD3
dummy pad 7
SCL
SDA
dummy pad 2
dummy pad 3
C52
C51
C50
C49
C48
C47
C46
C45
C44
C43
C42
C41
C40
C39
C38
C37
C36
C35
C34
C33
C32
C31
C30
C29
C28
PCF2113x
x
y
0
0
3.36
mm
3.52 mm
Table 3.
Pin (LQFP100 package) or pad allocation table
Pin
Pad
Symbol
Pin
Pad
Symbol
11VDD1
-
84
dummy pad
2
2
OSC
76
85
C2
3
3
PD
7786C1
-
4
T3
78 to 85
87 to 94
R8 to R1
45T1
86
95
R17
-
6
T2
87
96
SCL
57VSS1
88
97
SDA
68VSS2
89
98
E
79VLCDOUT
90
99
RS
-10
VLCDSENSE
91
100
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com