Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2120 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2120 Datasheet HTML 1Page - NXP Semiconductors PCF2120 Datasheet HTML 2Page - NXP Semiconductors PCF2120 Datasheet HTML 3Page - NXP Semiconductors PCF2120 Datasheet HTML 4Page - NXP Semiconductors PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
3 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
7.2 Pin description
8.
Functional description
The 32 kHz quartz oscillator is optimized for directly connecting to a 32 kHz tuning fork
quartz crystal. No additional tuning capacitors are required. Laser tuning of the quartz or
quartz selection for matching is used to tune the oscillator if required.
A digital 32 kHz signal is available on pin CLKOUT. The signal on pin CLKOE is used to
gate and synchronize the 32 kHz CLKOUT signal. Pin CLKOUT is a CMOS push-pull
output. If disabled, it goes to LOW level.
Table 3.
Pin description
Symbol
Pin
Pad
Description
HVSON10
Wire bond die
n.c.
1
-
not connected
OSCI
2
1
oscillator input
OSCO
3
2
oscillator output
n.c.
4
-
not connected
VSS
5
3
ground
n.c.
6
-
not connected
TEST
7
4
test pin
CLKOUT
8
5
clock output (push-pull)
VDD
9
6
supply voltage
CLKOE
10
7
clock output enable input
(1) OSCO-internal 32 kHz signal: internal signal after the Schmitt trigger connected to pin OSCO.
Fig 4.
CLKOUT output signal
OSCO-
internal
32 kHz
001aaf633
(1)
CLKOE
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com