Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2120 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2120 Datasheet HTML 3Page - NXP Semiconductors PCF2120 Datasheet HTML 4Page - NXP Semiconductors PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors PCF2120 Datasheet HTML 10Page - NXP Semiconductors PCF2120 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
7 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
13. Application information
You can mount the PCF2120 oscillator together with the quartz crystal as an accurate and
pre-tuned quartz oscillator in one package.
VDD = 3 V; CLKOUT enabled at 32 kHz
Fig 7.
Supply current as a function of ambient temperature
Tamb (°C)
−40
120
80
040
001aaf637
0.85
0.90
0.80
0.95
1.00
IDD
(
µA)
0.75
(1) Do not connect pin TEST; it is chip-internally connected.
Fig 8.
Application diagram
001aaf632
TEST(1)
10 nF
OSCO
32 kHz
OSCI
CLKOUT
CLKOE
VSS
VDD
PCF2120
CL(itg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com