Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2120 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2120
Description  Quartz oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2120 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2120 Datasheet HTML 1Page - NXP Semiconductors PCF2120 Datasheet HTML 2Page - NXP Semiconductors PCF2120 Datasheet HTML 3Page - NXP Semiconductors PCF2120 Datasheet HTML 4Page - NXP Semiconductors PCF2120 Datasheet HTML 5Page - NXP Semiconductors PCF2120 Datasheet HTML 6Page - NXP Semiconductors PCF2120 Datasheet HTML 7Page - NXP Semiconductors PCF2120 Datasheet HTML 8Page - NXP Semiconductors PCF2120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PCF2120_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 February 2008
5 of 14
NXP Semiconductors
PCF2120
Quartz oscillator
11. Static characteristics
[1]
For reliable oscillator start-up at power-up: VDD >VDD(min) + 0.3 V.
Table 5.
Static characteristics
VDD = 1.5 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
[1] 1.5
-
5.5
V
IDD
supply current
clock output disabled
Tamb =25 °C
VDD = 5.0 V
-
300
550
nA
VDD = 3.0 V
-
235
500
nA
VDD = 2.0 V
-
210
450
nA
Tamb = −40 °C to +85 °C
VDD = 5.0 V
-
345
750
nA
VDD = 3.0 V
-
265
650
nA
VDD = 2.0 V
-
230
600
nA
clock output enabled at 32 kHz
[2]
Tamb =25 °C
VDD = 5.0 V
-
1310
1700
nA
VDD = 3.0 V
-
845
1100
nA
VDD = 2.0 V
-
615
900
nA
Tamb = −40 °C to +85 °C
VDD = 5.0 V
-
1385
1700
nA
VDD = 3.0 V
-
875
1100
nA
VDD = 2.0 V
-
635
900
nA
Inputs
Pin OSCI
VI
input voltage
−0.5
-
VDD + 0.5 V
Pin CLKOE
VI
input voltage
−0.5
-
VDD + 0.5 V
VIL
LOW-level input voltage
-
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD --
V
ILI
input leakage current
VI =VDD or VSS
−10
+1
µA
Outputs
Pin OSCO
VO
−0.5
-
VDD + 0.5 V
Pin CLKOUT
VO
output voltage
−0.5
-
VDD + 0.5 V
IOL
LOW-level output current
VOL = 0.4 V; VDD =5V
−1-
-
mA
IOH
HIGH-level output current
VOH = 4.6 V; VDD = 5 V
--1
mA
ILO
output leakage current
VO =VDD or VSS
−10
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com