Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8566P Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 26Page - NXP Semiconductors PCF8566P Datasheet HTML 27Page - NXP Semiconductors PCF8566P Datasheet HTML 28Page - NXP Semiconductors PCF8566P Datasheet HTML 29Page - NXP Semiconductors PCF8566P Datasheet HTML 30Page - NXP Semiconductors PCF8566P Datasheet HTML 31Page - NXP Semiconductors PCF8566P Datasheet HTML 32Page - NXP Semiconductors PCF8566P Datasheet HTML 33Page - NXP Semiconductors PCF8566P Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
30 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
11.2 Typical LCD output characteristics
VDD = 5 V; Tamb = −40 °C to +85 °C.
VDD = 5 V.
Fig 22. Backplane output impedance BP0 to BP3 (RBP)
Fig 23. Segment output impedance S0 to S23 (RS)
0
6
4
2
0
24
8
6
mgg399
VDD (V)
RBP
(k
Ω)
0
12
8
4
0
24
8
6
mgg400
VDD (V)
RS
(k
Ω)
+25
°C
+85
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com