Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8566P Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8566P
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566P Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8566P Datasheet HTML 27Page - NXP Semiconductors PCF8566P Datasheet HTML 28Page - NXP Semiconductors PCF8566P Datasheet HTML 29Page - NXP Semiconductors PCF8566P Datasheet HTML 30Page - NXP Semiconductors PCF8566P Datasheet HTML 31Page - NXP Semiconductors PCF8566P Datasheet HTML 32Page - NXP Semiconductors PCF8566P Datasheet HTML 33Page - NXP Semiconductors PCF8566P Datasheet HTML 34Page - NXP Semiconductors PCF8566P Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
31 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
[1]
All timing values referred to VIH and VIL levels with an input voltage swing of VSS to VDD.
[2]
At fclk < 125 kHz, I2C-bus maximum transmission speed is derated.
Table 20.
Dynamic characteristics
VSS = 0 V; VDD = 2.5 V to 6.0 V; VLCD = VDD − 2.5 V to VDD − 6.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
fclk
clock frequency
normal mode;
VDD = 5 V
[2]
125
200
315
kHz
power saving mode;
VDD = 3.5 V
21
31
48
kHz
tclk(H)
HIGH-level clock time
1
-
-
µs
tclk(L)
LOW-level clock time
1
-
-
µs
tPD(SYNC_N)
SYNC propagation delay
-
-
400
ns
tSYNC_NL
SYNC LOW time
1
-
-
µs
tPD(drv)
driver propagation delay
with test loads;
VLCD = VDD − 5 V
--30
µs
I2C-bus
tBUF
bus free time between a STOP and
START condition
4.7
-
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
-
µs
tLOW
low period of the SCL clock
4.7
-
-
µs
tHIGH
high period of the SCL clock
4.0
-
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
-
µs
tHD;DAT
data hold time
0
-
-
ns
tSU;DAT
data set-up time
250
-
-
ns
tr
rise time of both SDA and SCL signals
-
-
1.0
µs
tf
fall time of both SDA and SCL signals
-
-
300
ns
tSU;STO
set-up time for STOP condition
4.7
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com