Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUSES01 Datasheet(PDF) 3 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 3 Page - New Japan Radio

  MUSES01 Datasheet HTML 1Page - New Japan Radio MUSES01 Datasheet HTML 2Page - New Japan Radio MUSES01 Datasheet HTML 3Page - New Japan Radio MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MUSES01
- 3 -
Ver.2009-12-18
AC CHARACTERISTICS (V+/V-=
±15V, Ta=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gain Bandwidth Product
GB
f=10kHz
-
3.3
-
MHz
Unity Gain Frequency
fT
AV=+100, RS=100Ω,
RL=2kΩ, CL=10pF
-
3.0
-
MHz
Phase Margin
φM
AV=+100, RS=100Ω,
RL=2kΩ,CL=10pF
-
60
-
deg
Input Noise Voltage1
VNI
f=1kHz, AV=+100,
RS=100Ω
-
9.5
-
nV/√Hz
Input Noise Voltage2
VN2
RIAA, RS =2.2kΩ,
30kHz LPF
-
1.2
3.0
μVrms
Total Harmonic Distortion
THD
f=1kHz, AV=+10,
RL=2kΩ, Vo=5Vrms
-
0.002
-
%
Channel Separation
CS
f=1kHz, AV=-+100, RS=1kΩ,
RL=2kΩ
-
150
-
dB
Positive Slew Rate
+SR
AV=1, VIN=2Vp-p,
RL=2kΩ, CL=10pF
-
12
-
V/
μs
Negative Slew Rate
-SR
AV=1, VIN=2Vp-p,
RL=2kΩ, CL=10pF
-
13
-
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com