Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUSES01 Datasheet(PDF) 1 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 1 Page - New Japan Radio

  MUSES01 Datasheet HTML 1Page - New Japan Radio MUSES01 Datasheet HTML 2Page - New Japan Radio MUSES01 Datasheet HTML 3Page - New Japan Radio MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MUSES01
- 1 -
Ver.2009-12-18
High Quality Audio , J-FET Input,
Dual Operational Amplifier
The MUSES01 is a dual J-FET input high quality audio operational amplifier, which is optimized for high-end audio and
professional audio applications with advanced circuitry and layout, unique material and assembled technology by
skilled-craftwork.
It is the best for audio preamplifiers, active filters, and line amplifiers with excellent sound.
FEATURES
●Operating Voltage
Vopr=
±9V to ±16V
●Output noise
9.5nV/√Hz at f=1kHz
●Input Offset Voltage
0.8mV typ. 5mV max.
●Input Bias Current
200pA typ. 800pA max. at Ta=25°C
●Voltage Gain
105dB typ.
●Slew Rate
12V/
μs typ.
●Bipolar Technology
●Package Outline
DIP8
PIN CONFIGURATION
PACKAGE OUTLINE
MUSES and this logo are trademarks of New Japan Radio Co., Ltd.
+
1
2
3
4
8
7
6
5
-
-
+
PIN FUNCTION
1. A OUTPUT
2. A -INPUT
3. A +INPUT
4. V-
5. B +INPUT
6. B -INPUT
7. B OUTPUT
8.V+
MUSES01D


Similar Part No. - MUSES01

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
MUSES01 NISSHINBO-MUSES01 Datasheet
656Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
20250321
logo
New Japan Radio
MUSES01 NJRC-MUSES01_15 Datasheet
469Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
More results

Similar Description - MUSES01

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
New Japan Radio
NJM074 NJRC-NJM074 Datasheet
144Kb / 3P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6083M SANYO-LA6083M Datasheet
104Kb / 5P
J-FET Input Dual Operational Amplifier
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
MUSES01 NJRC-MUSES01_15 Datasheet
469Kb / 12P
High Quality Audio , J-FET Input, Dual Operational Amplifier
MUSES02 NJRC-MUSES02 Datasheet
396Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES8920 NJRC-MUSES8920 Datasheet
309Kb / 8P
High Quality Audio J-FET Input Dual Operational Amplifier
MUSE02 NJRC-MUSE02 Datasheet
397Kb / 12P
High Quality Audio, Bipolar Input, Dual Operational Amplifier
MUSES03 NJRC-MUSES03 Datasheet
844Kb / 11P
High-Quality Sound, J-FET Input, Single Operational Amplifier for Premium Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com