Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUSES01 Datasheet(PDF) 5 Page - New Japan Radio

Part # MUSES01
Description  High Quality Audio , J-FET Input, Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

MUSES01 Datasheet(HTML) 5 Page - New Japan Radio

  MUSES01 Datasheet HTML 1Page - New Japan Radio MUSES01 Datasheet HTML 2Page - New Japan Radio MUSES01 Datasheet HTML 3Page - New Japan Radio MUSES01 Datasheet HTML 4Page - New Japan Radio MUSES01 Datasheet HTML 5Page - New Japan Radio MUSES01 Datasheet HTML 6Page - New Japan Radio MUSES01 Datasheet HTML 7Page - New Japan Radio MUSES01 Datasheet HTML 8Page - New Japan Radio MUSES01 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUSES01
- 5 -
Ver.2009-12-18
TYPICAL CHARACTERISTICS
T O T A L HA RM O N IC D IS T O RT IO N + NO IS E
vs O UT P U T A M P LIT UDE (F RE Q U E NCY )
V +/V -=±16V ,A
V = + 1 0, R g= 1kohm ,R f= 9 .1 kohm , R L= 2 kohm ,T a= 25 ℃
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
O utputA m plitude [V rm s]
f= 20kH z
1kH z
20H z
100H z
T O T A L H A R M O N IC D IS T O R T IO N + N O IS E
vs O UT P U T A M P LIT U D E (F R E Q UE NCY )
V +/V -=±15V ,A
V = + 1 0, R g = 1 koh m ,R f= 9.1ko hm , R L = 2ko hm ,T a= 25℃
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
O utputA m plitude [V rm s]
f= 20kH z
1kH z
20H z
100H z
T O T A L H A R M O N IC D IS T O R T IO N + N O IS E
vs O UT P U T A M P LIT UDE (F RE Q U E NCY )
V +/V -=±9V ,A
V = + 10, R g= 1kohm ,R f= 9 .1 kohm , R L = 2 kohm ,T a= 25℃
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
O utputA m plitude [V rm s]
f= 20kH z
1kH z
20H z
100H z
EQ U IVALE N T IN PU T N O ISE D E N S IT Y vs
FR E Q U E N C Y
V +/V -=±16V ,A
V = + 100,R s= 1 00ohm ,R L=∞
,T a= 25℃
0
10
20
30
40
50
60
70
80
1
10
100
1,000
10,000
F requency [H z]
EQ U IVALE N T IN P U T N O ISE D E N S IT Y vs
FR E Q U E N C Y
V +/V -=±15V ,A
V = + 100,R s= 1 00ohm ,R L =∞
,T a= 25℃
0
10
20
30
40
50
60
70
80
1
10
100
1,000
10,000
F requency [H z]
EQ U IVALEN T IN P U T N O ISE D E N S IT Y vs
F R E Q U E NCY
V +/V -=±9V ,A
V = + 100,R s= 100ohm ,R L=∞
,T a= 25℃
0
10
20
30
40
50
60
70
80
1
10
100
1,000
10,000
F requency [H z]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com