| Electronic Components Datasheet Search |
|
ADP8863ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP8863ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices |
|
37 / 48 page ![]() ADP8863 Rev. 0 | Page 37 of 48 Bit Name Bit No. Description SC4_EN 3 This enable acts upon LED4. 1 = SC4 is turned on. 0 = SC4 is turned off. SC3_EN 2 This enable acts upon LED3. 1 = SC3 is turned on. 0 = SC3 is turned off. SC2_EN 1 This enable acts upon LED2. 1 = SC2 is turned on. 0 = SC2 is turned off. SC1_EN 0 This enable acts upon LED1. 1 = SC1 is turned on. 0 = SC1 is turned off. Independent Sink Current Time (ISCT1)—Register 0x11 Table 44. ISCT1 Bit Map Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 SCON SC7OFF SC6OFF SC5OFF Table 45. Bit Descriptions for the ISCT1 Register Bit Name Bit No. Description1, 2 SCON [7:6] SC on time. If the SCxOFF time is not disabled and the independent current sink is enabled (Register 0x10), the LED(s) remains on for the time selected (per the following list) and then turns off. 00 = 0.2 sec 01 = 0.6 sec 10 = 0.8 sec 11 = 1.2 sec SC7OFF [5:4] SC7 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any other value, the ISC turns off for the off time (per the following listed times) and then turns on according to the SCON setting. 00 = off time disabled 01 = 0.6 sec 10 = 1.2 sec 11 = 1.8 sec SC6OFF [3:2] SC6 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any other value, the ISC turns off for the off time (per the following listed times) and then turns on according to the SCON setting. 00 = off time disabled 01 = 0.6 sec 10 = 1.2 sec 11 = 1.8 sec SC5OFF [1:0] SC5 off time. When the SC off time is disabled, the ISC remains on while enabled. When the SC off time is set to any other value, the ISC turns off for the off time (per the following listed times) and then turns on according to the SCON setting. 00 = off time disabled 01 = 0.6 sec 10 = 1.2 sec 11 = 1.8 sec 1 An independent sink remains on continuously when SCx_EN = 1 and SCxOFF = 00 (disabled). 2 To enable multiple independent sinks, set the appropriate SCx_EN bits. To create equivalent blinking and fading sequences, enable all independent sinks in one write cycle to cause a preprogrammed sequence to start simultaneously. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |