Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6510 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 15Page - Analog Devices ADRF6510 Datasheet HTML 16Page - Analog Devices ADRF6510 Datasheet HTML 17Page - Analog Devices ADRF6510 Datasheet HTML 18Page - Analog Devices ADRF6510 Datasheet HTML 19Page - Analog Devices ADRF6510 Datasheet HTML 20Page - Analog Devices ADRF6510 Datasheet HTML 21Page - Analog Devices ADRF6510 Datasheet HTML 22Page - Analog Devices ADRF6510 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADRF6510
Rev. 0 | Page 19 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 48 shows the basic connections for operating the
ADRF6510. A voltage from 4.75 V to 5.25 V should be applied
to the supply pins. Each supply pin should be decoupled with at
least one low inductance, surface-mount ceramic capacitor of
0.1 μF placed as close as possible to the device.
The input buffers provide an interface to the sensitive filter
sections that follow. They set a differential input impedance
of 400 Ω and sit at a nominal common-mode voltage of VPS/2.
The inputs can be dc-coupled or ac-coupled. If using direct
dc-coupling, the common-mode voltage, VCM, can range from
1.5 V to 3 V.
The output buffers of the ADRF6510 are low impedance
(~20 Ω) designed to drive either ADC inputs or subsequent
amplifier stages. The output common-mode voltage defaults to
VPS/2 but can be adjusted from 1.5 V to 3.0 V without loss of
drive capability by presenting the VOCM pin with the desired
common-mode voltage. The high input impedance of VOCM
allows the ADC reference output to be connected directly.
To enable the ADRF6510, the ENBL pin must be pulled high.
Taking ENBL low disables the device, reducing current con-
sumption to approximately 2 mA at ambient temperature.
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
Error vector magnitude (EVM) is a measure used to quantify
the performance of a digital radio transmitter or receiver. A
signal received by a receiver has all constellation points at their
ideal locations; however, various imperfections in the implemen-
tation (such as magnitude imbalance, noise floor, and phase
imbalance) cause the actual constellation points to deviate from
their ideal locations.
In general, a receiver exhibits three distinct EVM limitations
vs. received input signal power.
•
At strong signal levels, the distortion components falling
in-band due to nonlinearities in the device components
cause strong degradation to EVM as signal levels increase.
•
At medium signal levels, where the signal chain behaves
in a linear manner and the signal is well above any notable
noise contributions, EVM has a tendency to reach an
optimum level determined dominantly by the quadrature
accuracy and the precision of the test equipment. As signal
levels decrease such that noise is a major contribution, the
EVM performance vs. the signal level exhibits a decibel-
for-decibel degradation with decreasing signal level.
•
At lower signal levels, where noise proves to be the domi-
nant limitation, the decibel EVM proves to be directly
proportional to the SNR.
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
COM
INP2
INM2
VPS
COM
OFDS
OFS2
VPS
ENBL
INP1
INM1
VPS
COM
GNSW
OFS1
VPS
ADRF6510
VPS
VPS
VPSD
0.1µF
VPS
VPS
VPS
VPS
R2
VPS
OUTPUT1(+)
INPUT1(–)
0.1µF
INPUT1(+)
INPUT2(+)
INPUT2(–)
OUTPUT1(–)
OUTPUT2(–)
OUTPUT2(+)
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VPS
Figure 48. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com