Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6510 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 16Page - Analog Devices ADRF6510 Datasheet HTML 17Page - Analog Devices ADRF6510 Datasheet HTML 18Page - Analog Devices ADRF6510 Datasheet HTML 19Page - Analog Devices ADRF6510 Datasheet HTML 20Page - Analog Devices ADRF6510 Datasheet HTML 21Page - Analog Devices ADRF6510 Datasheet HTML 22Page - Analog Devices ADRF6510 Datasheet HTML 23Page - Analog Devices ADRF6510 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADRF6510
Rev. 0 | Page 20 of 28
An overall RF-to-baseband EVM performance was obtained
with the ADL5387 IQ demodulator preceding the ADRF6510.
An 840 MHz RF signal with a modulation setting of 64 QAM
and a 7 MHz symbol rate was used. The local oscillator (LO) is
set at 1680 MHz to obtain 840 MHz at the quadrature core after
the divide-by-2 stage. The analog gain of the ADRF6510 was
adjusted to maintain 1.5 V p-p into a 1 kΩ load impedance.
Figure 49 shows EVM vs. input power and the corresponding
analog gain voltage.
32
20
–65
–5
RF INPUT POWER (dBm)
0.5
0
1.0
1.5
2.0
2.5
22
24
26
28
30
–55
–45
–35
–25
–15
Figure 49. EVM vs. RF Input Power Level
LOW IF IMAGE REJECTION
The image rejection ratio is the ratio of the intermediate frequency
(IF) signal level produced by the desired input frequency to that
produced by the image frequency. The image rejection ratio is
expressed in decibels (dB). Appropriate image rejection is critical
because the image power can be much higher than that of the
desired signal, thereby plaguing the downconversion process.
Figure 51 illustrates the image problem. If the upper sideband is
the desired band, a 90° shift to the Q channel cancels the image
at the lower sideband. In the same way, if the lower sideband is
the desired band, a 90° shift to the I channel cancels the image
at the upper sideband. Phase and gain balance between the I
and Q channels are critical for high levels of image rejection.
Figure 50 shows the image rejection of the ADL5387 and the
ADRF6510 for various baseband frequencies. The modulation
is 64 QAM with a 7 MHz symbol rate. Note the following:
•
To the right of the 5 MHz center frequency, the filter is
programmed to be 5 MHz greater than the centered base-
band frequency. This ensures that the signal edge is well
within the pass band of the filter. In such cases, where the
filter bandwidth is set to be greater than the signal bandwidth,
the image rejection of the ADL5387 tends to be the limiting
factor, and the ADRF6510 has minimal effects.
•
To the left of 5 MHz—specifically at a center frequency
of 3.5 MHz—the filter corner is lowered to the baseband
signal edge, degrading the image rejection. When the
centered baseband frequency is 3.5 MHz and the filter is
set at 7 MHz (instead of a safer 8 MHz), the filter corner
conflicts with the edge of the modulated signal. Channel
mismatch in group delay characteristics and variation in
absolute group delay (from the normal flat response) tend
to degrade image rejection.
45
0
31
BASEBAND FREQUENCY (MHz)
5
5
10
15
20
25
30
35
40
579
11
13
AT CENTER FREQUENCY = 3.5MHz,
FILTER CORNER IS SET TO 7MHz
AT CENTER FREQUENCIES GREATER
THAN 5MHz, FILTER CORNER IS
SET TO 5MHz HIGHER THAN SIGNAL EDGE
Figure 50. Image Rejection of the ADL5387 and ADRF6510
0°
0°
0
0
0
0
–90°
+90°
ωIF
ω
IF
ωLSB
ω
LO
ω
USB
SIN
ωLOt
COS
ωLOt
–
ωIF
+
ωIF
–
ωIF
+
ωIF
+
ωIF
+
ωIF
Figure 51. Illustration of the Image Problem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com