Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6510 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6510
Description  30 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 19Page - Analog Devices ADRF6510 Datasheet HTML 20Page - Analog Devices ADRF6510 Datasheet HTML 21Page - Analog Devices ADRF6510 Datasheet HTML 22Page - Analog Devices ADRF6510 Datasheet HTML 23Page - Analog Devices ADRF6510 Datasheet HTML 24Page - Analog Devices ADRF6510 Datasheet HTML 25Page - Analog Devices ADRF6510 Datasheet HTML 26Page - Analog Devices ADRF6510 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADRF6510
Rev. 0 | Page 23 of 28
EVALUATION BOARD
The ADRF6510 evaluation board is available with software
control to program the filter bandwidth. It is a 4-layer board
with split ground plane for analog and digital sections. Special
care is taken to place the power decoupling capacitors close to
the device pins. The board is designed for easy single-ended
(through a Mini-Circuits ADT8-1T+ 8:1 balun) or differential
configuration for each channel.
EVALUATION BOARD CONTROL SOFTWARE
The ADRF6510 evaluation board is configured with a USB-
friendly interface to program the filter bandwidth of the
ADRF6510. The software GUI (see Figure 57) allows users to
select a particular frequency to write to the device and also
to read back data from the SDO pin that shows the currently
programmed filter setting. The software setup files can be down-
loaded from the ADRF6510 product page at www.analog.com.
Figure 57. Evaluation Control Software
SCHEMATICS AND ARTWORK
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
COM
INP2
INM2
VPS
COM
OFDS
OFS2
VPS
ENBL
INP1
INM1
VPS
COM
GNSW
OFS1
VPS
ADRF6510
VPS
P2
VPS
P3
VPSD
C4
VPS
VPS
VPS
R2
R3
P4
VPS
C12
C14
0.1µF
0.1µF
C5
VPS
R12
R11
R5
R37
R20
R19
T3
R41
R39
R24
R21
R4
VPSD
C1
L1
L2
C2
VPS
C20
R8
R6
C19
C17
C16
R7
C22
R10
C21
C18
R9
OPP1_SE_P
OPM1
OPP2
OPM2_SE_P
R14
R13
R35
C24
C23
R42
R38
R36
T4
R40
R22
R23
C13
VPS
C15
R32
R46
R49
R51
C3
R52
R53 C7
C8
C11
R54
R50
R44
T2
R15
R16
INP2_SE_P
INM2
INM1_SE_P
INP1
R31
R45
R18
R47
C6
R56
R55
R57
C9
C10
R58
T1
R48
R17
R43
LE
CLK
DATA
SDO
C27
R29
R30
R33
C28
R34
R1
Figure 58. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com