Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7104FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCV7104FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7104FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCV7104FN Datasheet HTML 1Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 2Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TCV7104FN
2010-03-23
4
Electrical Characteristics (Tj = 25°C, VIN1 = VIN2 = 2.7 to 5.5 V, unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Operating input voltage
VIN (OPR)
⎯
2.7
⎯
5.5
V
Operating current
IIN
VIN1 = VIN2 = VEN = VFB = 5 V
⎯
450
680
μA
Output voltage range
VOUT (OPR) VEN = VIN1 = VIN2
0.8
⎯
⎯
V
IIN (STBY) 1
VIN1 = VIN2 = 5 V, VEN = 0 V
VFB = 0.8 V
⎯
⎯
10
Standby current
IIN (STBY) 2
VIN1 = VIN2 = 3.3 V, VEN = 0 V
VFB = 0.8 V
⎯
⎯
10
μA
High-side switch leakage current
ILEAK (H)
VIN1 = VIN2 = 5 V, VEN = 0 V
VFB = 0.8 V, VLX = 0 V
⎯
⎯
10
μA
VIH (EN) 1
VIN1 = VIN2 = 5 V
1.5
⎯
⎯
VIH (EN) 2
VIN1 = VIN2 = 3.3 V
1.5
⎯
⎯
VIL (EN) 1
VIN1 = VIN2 = 5 V
⎯
⎯
0.5
EN threshold voltage
VIL (EN) 2
VIN1 = VIN2 = 3.3 V
⎯
⎯
0.5
V
IIH (EN) 1
VIN1 = VIN2 = 5 V, VEN = 5 V
6
⎯
13
EN input current
IIH (EN) 2
VIN1 = VIN2 = 3.3 V, VEN = 3.3 V
4
⎯
9
μA
VFB1
VIN = 5 V, VEN = 5 V
Tj = 0 to 85℃
0.792
0.8
0.808
VFB input voltage
VFB2
VIN = 3.3 V, VEN = 3.3 V
Tj = 0 to 85℃
0.792
0.8
0.808
V
VFB input current
IFB
VIN1 = VIN2 = 2.7 to 5.5 V
VFB = VIN2
−1
⎯
1
μA
RDS (ON) (H) 1
VIN1 = VIN2 = 5 V, VEN = 5 V
ILX = −1 A
⎯
0.18
⎯
RDS (ON) (H) 2
VIN1 = VIN2 = 3.3 V, VEN = 3.3 V
ILX = −1 A
⎯
0.21
⎯
RDS (ON) (H) 3
VIN1 = VIN2 = 5 V , VEN = 5V
ILX = - 0.1 A , Tj=-40~85℃
⎯
⎯
0.25
High-side switch on-state resistance
RDS (ON) (H) 4
VIN1 = VIN2 = 3.3 V , VEN = 3.3V
ILX = - 0.1 A , Tj=-40~85℃
⎯
⎯
0.3
Ω
RDS (ON) (L) 1
VIN1 = VIN2 = 5 V, VEN = 5 V
ILX = 1 A
⎯
0.12
⎯
RDS (ON) (L) 2
VIN1 = VIN2 = 3.3 V, VEN = 3.3 V
ILX = 1 A
⎯
0.14
⎯
RDS (ON) (L) 3
VIN1 = VIN2 = 5 V , VEN = 5V
ILX = 0.1 A , Tj=-40 to 85℃
⎯
⎯
0.18
Low-side switch on-state resistance
RDS (ON) (L) 4
VIN1 = VIN2 = 3.3 V , VEN = 3.3V
ILX = 0.1 A , Tj=-40 to 85℃
⎯
⎯
0.2
Ω
Oscillation frequency
fOSC
VIN1 = VIN2 = VEN = 5 V
1200
1500
1800
kHz
Internal soft-start time
tSS
VIN1 = VIN2 = 5 V, IOUT = 0 A,
Measured between 0% and 90% points
at VOUT.
0.5
1
1.5
ms
External soft-start charge current
ISS
VIN1 = VIN2 = 5 V, VEN = 5 V
−5
−8
−13
μA
High-side switch duty cycle
Dmax
VIN1 = VIN2 = 2.7 to 5.5 V
⎯
⎯
100
%
Detection
temperature
TSD
VIN1 = VIN2 = 5 V
⎯
150
⎯
Thermal
shutdown (TSD)
Hysteresis
ΔTSD
VIN1 = VIN2 = 5 V
⎯
15
⎯
°C
Detection voltage
VUV
VEN = VIN1 = VIN2
2.3
2.45
2.6
Recovery voltage
VUVR
VEN = VIN1 = VIN2
2.4
2.55
2.7
Undervoltage
lockout (UVLO)
Hysteresis
ΔVUV
VEN = VIN1 = VIN2
⎯
0.1
⎯
V
LX current limit
ILIM
VIN1 = VIN2 = 5 V, VOUT = 2 V
2.3
3.2
⎯
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com