Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7104FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCV7104FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7104FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCV7104FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 9Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 10Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TCV7104FN
2010-03-23
7
Output Filter Capacitor Selection
Use a low-ESR electrolytic or ceramic capacitor as the output filter capacitor. Since a capacitor is generally
sensitive to temperature, choose one with excellent temperature characteristics. As a rule of thumb, its
capacitance should be 10
μF or greater for applications. The capacitance should be set to an optimal value that
meets the system’s ripple voltage requirement and transient load response characteristics. The phase margin
tends to decrease as the output voltage is getting low. Enlarge a capacitance for output flatness when phase
margin is insufficient, or the transient load response characteristics cannot be satisfied. Since the ceramic
capacitor has a very low ESR value, it helps reduce the output ripple voltage; however, because the ceramic
capacitor provides less phase margin, it should be thoroughly evaluated.
Soft-Start Feature
The TCV7104FN has a soft-start feature.
If the SS pin is left open, the soft-start time, tSS, for VOUT defaults to 1 ms (typ.) internally.
The soft-start time can be extended by adding an external capacitor (CSS) between the SS and SGND pins. The
soft-start time can be calculated as follows:
SS
SS2
C
1
.
0
t
⋅
=
···························· (4)
tSS2: Soft-start time (in seconds) when an external capacitor is
connected between SS and SGND.
CSS: Capacitor value (μF)
The soft-start feature is activated when the TCV7104FN exits the undervoltage lockout (UVLO) state after
power-up and when the voltage at the EN pin has changed from logic low to logic high.
Overcurrent Protection(OCP)
The TCV7104FN has maximum current limiting. The TCV7104FN limits the ON time of high side switching
transistor and decreases output voltage when the peak value of the LX terminal current exceeds switching
terminal peak current limitation ILIM=3.2A(typ.).
Undervoltage Lockout (UVLO)
The TCV7104FN has undervoltage lockout (UVLO) protection circuitry. The TCV7104FN does not provide
output voltage (VOUT) until the input voltage (VIN2) has reached VUVR (2.55 V typ.). UVLO has hysteresis of 0.1
V (typ.). After the switch turns on, if VIN2 drops below VUV (2.45 V typ.), UVLO shuts off the switch at VOUT.
Figure 4 Undervoltage Lockout Operation
Soft start
VIN2
Hysteresis:
ΔVUV
Undervoltage lockout
detection voltage VUV
Switching operation
stops
GND
VOUT
GND
Undervoltage lockout
recovery voltage VUVR
Switching operation starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com