Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7104FN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCV7104FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7104FN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCV7104FN Datasheet HTML 1Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 2Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7104FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TCV7104FN
2010-03-23
1
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
TCV7104FN
Buck DC-DC Converter IC
The TCV7104FN is a single-chip buck DC-DC converter IC.
The TCV7104FN contains high-speed and low-on-resistance power
MOSFETs for the main switch and synchronous rectifier to achieve
high efficiency.
Features
• Enables up to 2 A of load current (IOUT) with a minimum of
external components.
• High efficiency: η = 95% (typ.)
(@VIN = 5 V, VOUT = 3.3 V, IOUT = 0.7 A)
• Operating voltage range: VIN = 2.7 to 5.5 V
• Low ON-resistance: RDS (ON) = 0.18 Ω (high-side) / 0.12 Ω (low-side) typical (@VIN = 5 V, Tj = 25°C)
• High oscillation frequency: fOSC = 1500 kHz (typ.)
• Feedback voltage: VFB = 0.8 V ± 1% (@Tj = 25°C)
• Uses internal phase compensation to achieve high efficiency with a minimum of external components.
• Allows the use of a small surface-mount ceramic capacitor as an output filter capacitor.
• Housed in a small surface-mount package (PS-8) with a low thermal resistance.
• Soft-start time adjustable by an external capacitor
Part Marking
Pin Assignment
This product has a MOS structure and is sensitive to electrostatic discharge. Handle with care.
The product(s) in this document (“Product”) contain functions intended to protect the Product from temporary
small overloads such as minor short-term overcurrent, or overheating. The protective functions do not necessarily
protect Product under all circumstances. When incorporating Product into your system, please design the system (1)
to avoid such overloads upon the Product, and (2) to shut down or otherwise relieve the Product of such overload
conditions immediately upon occurrence. For details, please refer to the notes appearing below in this document and
other documents referenced in this document.
Weight: 0.017 g (typ.)
Part Number (or abbreviation code)
Lot No.
The dot (
•) on the top surface indicates pin 1.
*: The lot number consists of three digits. The first digit represents the last digit of the year of manufacture, and the
following two digits indicates the week of manufacture between 01 and either 52 or 53.
Manufacturing week code
(The first week of the year is 01; the last week is 52 or 53.)
Manufacturing year code (last digit of the year of manufacture)
V 1 0 4
VFB
5
EN
7
SS
6
2
VIN1
3
VIN2
4
SGND
LX
8
1
PGND


Similar Part No. - TCV7104FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
Buck DC-DC Converter IC
TCV7103AF TOSHIBA-TCV7103AF Datasheet
493Kb / 17P
Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
Buck DC-DC Converter IC
More results

Similar Description - TCV7104FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com