Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN014-40YS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN014-40YS
Description  N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN014-40YS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN014-40YS Datasheet HTML 1Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 2Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 3Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 4Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 5Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 6Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 7Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 8Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PSMN014-40YS_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 18 February 2010
4 of 15
NXP Semiconductors
PSMN014-40YS
N-channel LFPAK 40 V, 14 m
Ω standard level MOSFET
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aad332
10
-1
1
10
10
2
10
3
10
-1
1
10
10
2
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
100
μs
10
μs
Limit RDSon = VDS / ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com