Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN014-40YS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN014-40YS
Description  N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN014-40YS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN014-40YS Datasheet HTML 3Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 4Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 5Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 6Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 7Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 8Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 9Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 10Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN014-40YS_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 18 February 2010
7 of 15
NXP Semiconductors
PSMN014-40YS
N-channel LFPAK 40 V, 14 m
Ω standard level MOSFET
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj = 25 °C; see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =25A; dIS/dt = -100 A/µs; VGS =0V;
VDS =40V
-22
-
ns
Qr
recovered charge
-
17
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aad309
0
5
10
15
20
0
5
10
15
20
25
ID (A)
gfs
(S)
003aad304
0
10
20
30
40
50
60
024
68
VGS (V)
ID
(A)
Tj = 175
°C
Tj = 25
°C
003aad308
400
600
800
1000
1200
0
5
10
15
20
25
VGS (V)
C
(pF)
Ciss
Crss
003aad310
0
10
20
30
40
510
15
20
VGS (V)
RDSon
(m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com