Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN014-40YS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN014-40YS
Description  N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN014-40YS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN014-40YS Datasheet HTML 2Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 3Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 4Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 5Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 6Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 7Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 8Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 9Page - NXP Semiconductors PSMN014-40YS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN014-40YS_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 18 February 2010
6 of 15
NXP Semiconductors
PSMN014-40YS
N-channel LFPAK 40 V, 14 m
Ω standard level MOSFET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =250 µA; VGS =0V; Tj =-55 °C
36
-
-
V
ID =250 µA; VGS =0V; Tj =25°C
40
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS = VGS; Tj = -55 °C; see Figure 10
--
4.6
V
ID =1mA; VDS = VGS; Tj = 175 °C;
see Figure 10
1-
-
V
ID =1mA; VDS = VGS; Tj =25 °C; see Figure 11
and 10
23
4V
IDSS
drain leakage current
VDS =40V; VGS =0V; Tj = 25 °C
-
0.02
2
µA
VDS =40V; VGS =0V; Tj = 125 °C
-
-
50
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =15A; Tj = 100 °C;
see Figure 12
--
20
m
Ω
VGS =10V; ID =15A; Tj = 175 °C;
see Figure 12
-20
27
m
Ω
VGS =10V; ID =15A; Tj =25°C;
see Figure 13
-11
14
m
Ω
RG
internal gate resistance
(AC)
f=1MHz
-
0.6
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID =0A; VDS =0V; VGS =10V
-
10
-
nC
ID =25A; VDS =20V; VGS =10V;
see Figure 14 and 15
-12
-
nC
QGS
gate-source charge
-
5.4
-
nC
QGS(th)
pre-threshold
gate-source charge
ID =25A; VDS =20V; VGS =10V;
see Figure 14
-2.2
-nC
QGS(th-pl)
post-threshold
gate-source charge
-3.2
-nC
QGD
gate-drain charge
ID =25A; VDS =20V; VGS =10V;
see Figure 14 and 15
-2.4
-nC
VGS(pl)
gate-source plateau
voltage
ID =25A; VDS =20V; see Figure 14 and 15
-6
-V
Ciss
input capacitance
VDS =20V; VGS = 0 V; f = 1 MHz; Tj =25°C;
see Figure 16
-
702
-
pF
Coss
output capacitance
-
171
-
pF
Crss
reverse transfer
capacitance
-97
-
pF
td(on)
turn-on delay time
VDS =12V; RL =0.8 Ω; VGS =10V;
RG(ext) =4.7 Ω
-12
-
ns
tr
rise time
-6
-ns
td(off)
turn-off delay time
-
19
-
ns
tf
fall time
-5
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com