Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6394A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV6394A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6394A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV6394A Datasheet HTML 6Page - STMicroelectronics TSV6394A Datasheet HTML 7Page - STMicroelectronics TSV6394A Datasheet HTML 8Page - STMicroelectronics TSV6394A Datasheet HTML 9Page - STMicroelectronics TSV6394A Datasheet HTML 10Page - STMicroelectronics TSV6394A Datasheet HTML 11Page - STMicroelectronics TSV6394A Datasheet HTML 12Page - STMicroelectronics TSV6394A Datasheet HTML 13Page - STMicroelectronics TSV6394A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
TSV639x, TSV639xA
10/25
Doc ID 16883 Rev 1
Figure 2.
Supply current vs. supply voltage
at Vicm = VCC/2
Figure 3.
Output current vs. output voltage at
VCC =1.5 V
Figure 4.
Output current vs. output voltage at
VCC =5V
Figure 5.
Closed loop response for gain =
-10, at VCC = 1.5 V and VCC = 5 V
10000
100000
1000000
0
5
10
15
20
V
CC
=5V
V
CC
=1.5V
Closed loop gain = -10
T=25 C,C
Load
=100pF, V
icm
=V
CC
/2,
R
Load
=2.2k
Ω for Iout giving
minimum stability on a typical part
Frequency (Hz)
Figure 6.
Closed loop response for gain = -3
at VCC =1.5 V
Figure 7.
Closed loop response for gain = -3
at VCC =5V
10000
100000
1000000
0
2
4
6
8
10
12
14
R
Load
=100k
Ω
R
Load
=2.2k
Ω
T=25°C, V
icm
=V
CC
/2
A
CL
=-3, V
CC
=1.5V
C
Load
=33pF
R
Load
= 100k
Ω connected to V
CC
/2
R
Load
= 2.2k
Ω for I
out
giving
minimum stability on a typical part
Frequency (Hz)
10000
100000
1000000
0
2
4
6
8
10
12
14
R
Load
=2.2k
Ω
T=25°C, V
icm
=V
CC
/2
A
CL
=-3, V
CC
=5V
C
Load
=33pF
R
Load
=100k
Ω
R
Load
= 100k
Ω connected to V
CC
/2
R
Load
= 2.2k
Ω for I
out
giving
minimum stability on a typical part
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com