Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6394A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV6394A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6394A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV6394A Datasheet HTML 7Page - STMicroelectronics TSV6394A Datasheet HTML 8Page - STMicroelectronics TSV6394A Datasheet HTML 9Page - STMicroelectronics TSV6394A Datasheet HTML 10Page - STMicroelectronics TSV6394A Datasheet HTML 11Page - STMicroelectronics TSV6394A Datasheet HTML 12Page - STMicroelectronics TSV6394A Datasheet HTML 13Page - STMicroelectronics TSV6394A Datasheet HTML 14Page - STMicroelectronics TSV6394A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TSV639x, TSV639xA
Electrical characteristics
Doc ID 16883 Rev 1
11/25
Figure 8.
Positive slew rate vs. supply
voltage in closed loop
Figure 9.
Negative slew rate vs. supply
voltage in closed loop
R
Load
=2k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from 0.5V to V
CC+
−0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=25°C
T=125°C
T=−40°C
Supply voltage (V)
T=25°C
R
Load
=2k
Ω, C
Load
=100pF, A
CL
=−10
V
in
: from V
CC+
−0.5V to 0.5V
SR calculated from 10% to 90%
V
icm
=V
CC
/2
T=125°C
T=−40°C
Supply voltage (V)
Figure 10.
Slew rate vs. supply voltage in open
loop
Figure 11.
Slew rate timing in open loop
Open loop configuration, T = 25°C
R
Load
=10k
Ω, C
Load
=100pF,
V
in
=1V
PP
, V
icm
=V
CC
/2
SR calculated from 0.5V to V
CC
- 0.5V
Supply voltage (V)
Open loop,R
Load
=10k
Ω
C
Load
=100pF, V
icm
=V
CC
/2
T=25°C, V
CC
=5V, V
in
=1V
PP
Time (µs)
Figure 12.
Slew rate timing in closed loop
Figure 13.
Noise vs. frequency
V
in
V
out
R
Load
=2k
Ω, C
Load
=100pF,
V
icm
=V
CC
/2, A
CL
=−10
T=25°C, V
CC
=5V
Time (µs)
100
1000
10000
0
50
100
150
200
250
300
Vcc=5V
T=25
°C
Vicm=4.5V
Vicm=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com