Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6394A Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV6394A
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6394A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV6394A Datasheet HTML 10Page - STMicroelectronics TSV6394A Datasheet HTML 11Page - STMicroelectronics TSV6394A Datasheet HTML 12Page - STMicroelectronics TSV6394A Datasheet HTML 13Page - STMicroelectronics TSV6394A Datasheet HTML 14Page - STMicroelectronics TSV6394A Datasheet HTML 15Page - STMicroelectronics TSV6394A Datasheet HTML 16Page - STMicroelectronics TSV6394A Datasheet HTML 17Page - STMicroelectronics TSV6394A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Application information
TSV639x, TSV639xA
14/25
Doc ID 16883 Rev 1
The turn-on and turn-off times are calculated for an output variation of ±200 mV (Figure 21
and Figure 22 show the test configurations).
Figure 21.
Test configuration for turn-on time
(Vout pulled down)
Figure 22.
Test configuration for turn-off time
(Vout pulled down)
+ V
CC
GND
+
-
DUT
GND
V
CC - 0.5 V
+ V
CC
GND
+
-
DUT
GND
V
CC - 0.5 V
Figure 23.
Turn-on time, VCC =5 V,
Vout pulled down, T = 25° C
Figure 24.
Turn-off time, VCC =5V,
Vout pulled down, T = 25° C
Shutdown pulse
Vout
Vcc = 5V
T = 25
°C
R
L
connected to GND
Time (
μs)
Shutdown pulse
Vout
Vcc = 5V
T = 25
°C
Time (
μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com