Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C652B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 2 Page - NXP Semiconductors

  SC68C652B Datasheet HTML 1Page - NXP Semiconductors SC68C652B Datasheet HTML 2Page - NXP Semiconductors SC68C652B Datasheet HTML 3Page - NXP Semiconductors SC68C652B Datasheet HTML 4Page - NXP Semiconductors SC68C652B Datasheet HTML 5Page - NXP Semiconductors SC68C652B Datasheet HTML 6Page - NXP Semiconductors SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
2 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
I Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun Break)
I Transmit, Receive, Line Status, and Data Set interrupts independently controlled
I Fully programmable character formatting:
N 5, 6, 7, or 8-bit characters
N Even, odd, or no parity formats
N 1, 11⁄2, or 2 stop bit generation
N Baud generation (DC to 5 Mbit/s)
I False start bit detection
I Complete status reporting capabilities
I 3-state output TTL drive capabilities for bidirectional data bus and control bus
I Line break generation and detection
I Internal diagnostic capabilities:
N Loopback controls for communications link fault isolation
I Prioritized interrupt system controls
I Modem control functions (CTS, RTS, DSR, DTR, RI, and CD)
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SC68C652BIB48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com