Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC68C652B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 3Page - NXP Semiconductors SC68C652B Datasheet HTML 4Page - NXP Semiconductors SC68C652B Datasheet HTML 5Page - NXP Semiconductors SC68C652B Datasheet HTML 6Page - NXP Semiconductors SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors SC68C652B Datasheet HTML 10Page - NXP Semiconductors SC68C652B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
7 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
VCC
19, 42
I
Power supply input.
XTAL1
13
I
Crystal or external clock input. Functions as a crystal input or as
an external clock input. A crystal can be connected between this
pin and XTAL2 to form an internal oscillator circuit (see Figure 3).
This configuration requires an external 1 M
Ω resistor between the
XTAL1 and XTAL2 pins. Alternatively, an external clock can be
connected to this pin to provide custom data rates. See Section 6.8
“Programmable baud rate generator”.
XTAL2
14
O
Output of the crystal oscillator or buffered clock. (See also
XTAL1.) XTAL2 is used as a crystal oscillator output or a buffered
clock output. Should be left open if an external clock is connected
to XTAL1. For extended frequency operation, this pin should be tied
to VCC via a 2 kΩ resistor.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com