Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC100 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors ZXSC100 Datasheet HTML 10Page - Zetex Semiconductors ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISSUE 1 - JANUARY 2001
ZXSC100
8
Higher power solution, V
OUT=3.3V, PL=1W
Q1
ZXT14N20DX
R2
R1
L1
D1
ZHCS2000
R3
R4
C2
C1
3.3V/0.33A
BAS
EM
RE
U1
ZXSC100
Q2
C3
VBATT
VCC
GND
FB
ISENSE
VDRIVE
Materials list
Ref
Value
Part Number
Manufacturer
Comments
U1
N/A
ZXSC100X8
Zetex Plc
Single cell converter, MSOP8
Q1
20V, 13m
Ω,7A ZXT14N20DX
Zetex Plc
Low VCE(SAT) NPN, MSOP8
Q2
N/A
2N2907
Various
Small signal transistor
D1
0.5V, 2A
ZHCS2000
Zetex Plc
2A Shottky diode
R1
3.3
Ω*
Generic
Various
0805 Size
R2
33m
Ω
Generic
Various
0805 Size
R3
110k
Ω
Generic
Various
0805 Size
R4
30k
Ω
Generic
Various
0805 Size
C1
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C2
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C3
1nF
Generic
Various
0805 Size
L1
22µH
D01608C-223
D03316P-223
Coilcraft
Low profile SMT
* Note: Refer to External Transistor base drive selection in the Applications Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com