Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC100 Datasheet(PDF) 14 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 14 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 10Page - Zetex Semiconductors ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100 Datasheet HTML 13Page - Zetex Semiconductors ZXSC100 Datasheet HTML 14Page - Zetex Semiconductors ZXSC100 Datasheet HTML 15Page - Zetex Semiconductors ZXSC100 Datasheet HTML 16Page - Zetex Semiconductors ZXSC100 Datasheet HTML 17Page - Zetex Semiconductors ZXSC100 Datasheet HTML 18Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ISSUE 1 - JANUARY 2001
ZXSC100
14
Designing with the ZXSC100.
Introduction
This section refers to the ZXSC100, 3.3V/100mA
output reference design and demonstrates the
dynamic performance of the solution.
Figure 1.
ZXSC100 low power solution, 3.3V/100mA output.
Efficiency
Efficiency is often quoted as one of the key parameters
of a DC-DC converter. Not only does it give an
instantaneous idea of heat dissipation, but also an
idea as to the extent battery life can be extended.
Figure 2. Shows the efficiency of the ZXSC100 low
power solution. Efficiency v Output current is shown
for a 3.3V output at various input voltages.
Figure 2.
ZXSC100 efficiency v output current
Main switching waveforms
Steady state operation under constant load gives an
excellent indication of ZXSC100 performance.
Represented in Figure 3. is the main switching
waveform, measured at the collector of Q1, indicating
the transistor on-state and the diode energy transfer to
the output.
Figure 3.
Switching waveform
The peak switching current is derived from the
threshold of the ISENSE pin and the sense resistor value
(see Applications section for calculations). Figure 4.
shows the switching waveform associated with the
ISENSE pin
Figure 4.
ISENSE threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com