Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC100 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXSC100
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXSC100 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100 Datasheet HTML 9Page - Zetex Semiconductors ZXSC100 Datasheet HTML 10Page - Zetex Semiconductors ZXSC100 Datasheet HTML 11Page - Zetex Semiconductors ZXSC100 Datasheet HTML 12Page - Zetex Semiconductors ZXSC100 Datasheet HTML 13Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ZXSC100
ISSUE 1 - JANUARY 2001
9
OTHER APPLICATIONS
Driving white LED’s in a flashlight application
The ZXSC100 solution is ideal for LED lamp driving
applications operating from a single cell. In principal
conversion from 1.2V to the 3.6V, typically required by
white LEDs, is necessary. Load currents in the region of
20mA to 50mA being required for a single LED element.
To minimise size, weight and cost, single cell operation
is an advantage. The ZXSC is well matched to single cell
NiCd and NiMH characteristics. The circuit will turn on at
1.06V, to maximise the life the battery can offer, the
converter does not turn off until the battery voltage falls
to 0.93V.
The circuit itself is very simple, a minimum number of
components are used and they are all small size. The
ZXSC uses the very small MSOP8 package, the pass
transistor is SOT23. No capacitors are required as
the circuit is stable under all conditions. The inductor
recommended is a low cost miniature component.
No compromise is made on efficiency however. In a
standard configuration efficiency well over 80% can
be achieved. With careful inductor selection
efficiency over 90% is possible.
The inherent flexibility of the ZXSC circuit means
that parallel or series LEDs can be driven depending
on application needs. A simple modification to the
application circuit means that the maximum pulse
current can b e programmed t o match the
characteristics of the chosen LED load, pulse current
in the range 10mA to 3A and beyond can be easily
achieved.
An application note (AN33) is available describing
various circuits for driving white LEDs. This
application note includes details of
circuits that
optimise battery life, maximise brightness and can
be constructed for minimal cost. Contact your local
Zetex office for further details.
Q1
ZXT13N15
R2
0.22R
L1
100µH
BAS
EM
RE
U1
ZXSC100
D1
WHITE LED
VBATT
VCC
GND
FB
ISENSE
VDRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com