Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9984A Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA9984A Datasheet HTML 31Page - NXP Semiconductors TDA9984A Datasheet HTML 32Page - NXP Semiconductors TDA9984A Datasheet HTML 33Page - NXP Semiconductors TDA9984A Datasheet HTML 34Page - NXP Semiconductors TDA9984A Datasheet HTML 35Page - NXP Semiconductors TDA9984A Datasheet HTML 36Page - NXP Semiconductors TDA9984A Datasheet HTML 37Page - NXP Semiconductors TDA9984A Datasheet HTML 38Page - NXP Semiconductors TDA9984A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
35 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
[1]
The format can also be defined with a repetition factor of up to 10.
27, 28
720
× 288p
50.000
3456
314
15.625
54.000
4
-
29, 30
1440
× 576p
50.000
1728
625
31.250
54.000
2
-
31
1920
× 1080p 50.000
2640
1125
56.250
148.50
1
-
Table 27.
Timing parameters for EIA/CEA-861B …continued
Format
Format
V frequency
(Hz)
H total
V total
H frequency
(kHz)
Pixel frequency
(MHz)
Pixel
repetition
Scaler
Table 28.
Timing parameters for ATSC DTV standards, which are not defined in EIA/CEA-861B
Standard
Format
V frequency
(Hz)
H total V total
H frequency
(kHz)
Pixel frequency
(MHz)
Pixel
repetition
Scaler
SMPTE-296M
1280
× 720p 30.000
3300
750
22.500
74.250
1
-
29.970
3300
750
22.478
74.175
1
-
25.000
3960
750
18.750
74.250
1
-
23.976
4125
750
17.982
74.175
1
-
Table 29.
Timing parameters for PC standards below 165 MHz
Standard
Format
V frequency
(Hz)
H total V total
H frequency
(kHz)
Pixel frequency
(MHz)
Pixel
repetition
Scaler
640
× 350p
85.080
832
445
37.861
31.500
1
-
640
× 400p
85.080
832
445
37.861
31.500
1
-
720
× 400p
85.039
936
446
37.937
35.500
1
-
VGA
640
× 480p
59.9401
800
525
31.469
25.175
1
-
72.809
832
525
37.861
31.500
1
-
75.000
840
500
37.500
31.500
1
-
85.008
832
520
43.269
36.000
1
-
SVGA
800
× 600p
56.250
1024
625
35.156
36.000
1
-
60.317
1056
628
37.879
40.000
1
-
72.188
1040
666
48.077
50.000
1
-
75.000
1056
625
46.875
49.500
1
-
85.061
1048
631
53.673
56.250
1
-
XGA
1024
× 768p
60.004
1344
806
48.362
65.000
1
-
70.069
1328
806
56.476
75.000
1
-
75.029
1312
800
60.023
78.750
1
-
84.997
1376
808
68.677
94.500
1
-
1024
× 768i
86.957
1264
817
35.522
44.900
1
-
1152
× 864p
75.000
1600
900
67.500
108.000
1
-
85.000
1576
907
77.094
121.500
1
-
1280
× 960p
60.000
1800
1000
60.000
108.000
1
-
85.002
1728
1011
85.937
148.450
1
-
SXGA
1280
× 1024p 60.002
1688
1066
63.981
108.000
1
-
75.025
1688
1066
79.977
135.000
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com