Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9984A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9984A
Description  HDMI 1.3 transmitter with 1080p upscaler embedded
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9984A Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
5 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
7.
Pinning information
7.1 Pin description
Fig 2.
Pin configuration
TDA9984AHW
HSYNC/HREF
VSSC
VSYNC/VREF
VDDC(1V8)
VPP
VPB[6]
AP7
VPB[7]
AP6
VPC[0]
AP5
VPC[1]
AP4
VPC[2]
AP3
VPC[3]
AP2
VPC[4]
AP1
VPC[5]
AP0
VPC[6]
ACLK
VPC[7]
VDDD(3V3)
VDDD(3V3)
VSSD
VSSD
VSSA(PLL)(1V8)
VSSA(PLL)(1V8)
VDDA(PLL)(1V8)
VDDA(PLL)(1V8)
INT
I2C_SDA
HPD
I2C_SCL
DDC_SDA
RST_N
DDC_SCL
A0
001aag597
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Table 3.
Pin description
Symbol
Pin
Type[1]
Description
HSYNC/HREF
1
I
horizontal synchronization or reference input
VSYNC/VREF
2
I
vertical synchronization or reference input
VPP
3
P
programming voltage for OTP memory; connect to
ground for digital core in normal operation
AP7
4
I
audio port 7 input
AP6
5
I
audio port 6 input
AP5
6
I
audio port 5 input
AP4
7
I
audio port 4 input
AP3
8
I
audio port 3 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com