Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8402 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCF8402
Description  Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCF8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPCF8402
2009-12-10
4
N-channel
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
⎯
⎯
±10
μA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
⎯
⎯
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
⎯
⎯
Drain-source breakdown
voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
⎯
⎯
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
⎯
2.5
V
VGS = 4.5 V, ID = 2.0 A
⎯
58
77
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.0 A
⎯
38
50
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.0 A
3.4
6.8
⎯
S
Input capacitance
Ciss
⎯
470
⎯
Reverse transfer capacitance
Crss
⎯
60
⎯
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
80
⎯
pF
Rise time
tr
⎯
5.2
⎯
Turn-on time
ton
⎯
8.3
⎯
Fall time
tf
⎯
4.0
⎯
Switching time
Turn-off time
toff
Duty
≤ 1%, tw = 10 μs
⎯
22
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
10
⎯
Gate-source charge 1
Qgs1
⎯
1.7
⎯
Gate-drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 4 A
⎯
2.4
⎯
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
⎯
⎯
⎯
16.0
A
Forward voltage (diode)
VDSF
IDR = 4.0 A, VGS = 0 V
⎯
⎯
−1.2
V
VDD ≈ 15 V
0 V
VGS
10 V
ID = 2.0 A
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com