Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8402 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCF8402
Description  Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8402 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCF8402 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8402 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPCF8402
2009-12-10
5
P-channel
Drain current ID (A)
RDS (ON) – ID
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
Drain current ID (A)
⎪Yfs⎪ – ID
10
0.1
-1
-10
100
1000
-5
-4
-2
-1
0
-3
Common source
Ta
= 25°C
Pulse test
VGS = -2.3
-2.5
-2.6
-3.0
-2.8
-3.5
-2.7
-10
-6
-4.5
0
-0.2
-0.4
-0.6
-0.8
-1.0
VGS = -2.3 V
Common source
Ta
= 25°C
Pulse test
-2.6
-3.5
-3.0
-10
-2.5
-6
-2.7
-2.8
-4.5
-10
-8
-4
-2
0
-6
0
-1
-2
-3
-4
-5
Ta
= −55°C
25
100
Common source
VDS = -10 V
Pulse test
0
-1
-2
-3
0
-5
-4
-8
-6
-4
-2
ID = -3.2A
Common source
Ta
= 25℃
Pulse test
-1.6
-0.8
0
-2
-4
-6
-8
-10
0
-1.6
-1.2
-0.8
-0.4
-2.0
25
100
Ta
= −55°C
Common source
VDS = -10 V
Pulse test
-0.1
-0.3
-1
-3
-10
1
10
100
VGS = -4.5 V
-10
Common source
Ta
= 25°C
Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com