Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R22E Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R22E
Description  Remote Type 8-bit OTP MCU with EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R22E Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R22E Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
HT45R22E
Rev. 1.00
13
March 17, 2010
· Table Read Program Example
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address
; is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²0F06H² transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²0F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org 0F00h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
RAM Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored.
Structure
Divided into two sections, the first of these is an area of
RAM where special function registers are located. These
registers have fixed locations and are necessary for cor-
rect operation of the device. Many of these registers can
be read from and written to directly under program con-
trol, however, some remain protected from user manipu-
lation. The second area of Data Memory is reserved for
general purpose use. All locations within this area are
read and write accessible under program control.
The two sections of Data Memory, the Special Purpose
and General Purpose Data Memory are located at con-
secutive locations. All are implemented in RAM and are 8
bits wide but the length of each memory section is dic-
tated by the type of microcontroller chosen. The start ad-
dress of the Data Memory for all devices is the address
²00H².
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
G e n e r a l
P u r p o s e
R e g i s t e r s
S p e c i a l
P u r p o s e
R e g i s t e r s
0 0 H
0 1 H
4 0 H
I A R 0
M P 0
B F H
3 F H
1 2 8 b y t e s
Data Memory Structure
Note:
Most of the Data Memory bits can be directly
manipulated using the
²SET [m].i² and ²CLR
[m].i
² with the exception of a few dedicated bits.
The Data Memory can also be accessed
through the memory pointer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com