Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R22E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45R22E
Description  Remote Type 8-bit OTP MCU with EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R22E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45R22E Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
HT45R22E
Rev. 1.00
21
March 17, 2010
Timing Diagram
Note: The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the valid start con-
dition of sequential command.
t F
t L O W
t R
t H I G H
t S U : S T A
t H D : S T A
t S P
t H D : D A T
t S U : D A T
t S U : S T O
t B U F
V a l i d
V a l i d
S C L
S D A
S D A
O U T
t A A
t W R
S C L
S D A
8 t h b i t
A C K
W o r d n
S t o p
C o n d i t i o n
S t a r t
C o n d i t i o n
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. The flexible features of the oscillator functions
ensure that the best optimisation can be achieved in
terms of speed and power saving. Oscillator selections
and operation are selected through a combination of
configuration options and registers.
System Oscillator Overview
In addition to being the source of the main system clock
the oscillators also provide clock sources for the Watch-
dog Timer and Time Base functions. External oscillators
requiring some external components as well as two fully
integrated internal oscillators, requiring no external
components, are provided to form a wide range of both
fast and slow system oscillators.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~
4MHz
OSC1/
OSC2
External RC
ERC
400kHz~
4MHz
OSC1
Internal High
Speed RC
HIRC
4095kHz
¾
External Low
Speed Crystal
LXT
32768Hz
OSC1/
OSC2
XT1/
XT2*
Internal Low
Speed RC
LIRC
10kHz
¾
System Clock Configurations
There are five system oscillators. Three high speed os-
cillators and two low speed oscillators. The high speed
oscillators are the external crystal/ceramic oscillator -
HXT, the external - ERC, and the internal RC oscillator -
HIRC. The two low speed oscillator are the external
32768Hz oscillator - LXT and the internal 10kHz
(VDD=3V) oscillator - LIRC.
External Crystal/Resonator Oscillator
- HXT
The simple connection of a crystal across OSC1 and
OSC2 will create the necessary phase shift and feed-
back for oscillation. However, for some crystals and
most resonator types, to ensure oscillation and accurate
frequency generation, it is necessary to add two small
value external capacitors, C1 and C2. The exact values
of C1 and C2 should be selected in consultation with the
crystal or resonator manufacturer
¢s specification.
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d . C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/Resonator Oscillator
- HXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com