Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R22E Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45R22E
Description  Remote Type 8-bit OTP MCU with EEPROM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R22E Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45R22E Datasheet HTML 35Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 36Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R22E Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
HT45R22E
Rev. 1.00
39
March 17, 2010
signal is generated and the Timer/Event Counter will re-
load the value already loaded into the preload register
and continue counting. The interrupt can be disabled by
ensuring that the Timer/Event Counter Interrupt Enable
bit in the corresponding Interrupt Control Register is re-
set to zero.
As the TCn pin is shared with an I/O pin, to ensure that
the pin is configured to operate as a pulse width capture
pin, two things have to happen. The first is to ensure that
the Operating Mode Select bits in the Timer Control
Register place the Timer/Event Counter in the pulse
width capture Mode, the second is to ensure that the
port control register configures the pin as an input.
Prescaler
Bits T0PSC0~T0PSC2 of the TMR0C register can be
used to define a division ratio for the internal clock
source of the Timer/Event Counter enabling longer time
out periods to be setup.
PFD Function
The Programmable Frequency Divider provides a
means of producing a variable frequency output suitable
for applications, such as piezo-buzzer driving or other
interfaces requiring a precise frequency generator.
Depending upon which device is used, there is either a
single output, PFD, or a complimentary output pair, PFD
and PFD. As the pins are shared with I/O pins, the func-
tion is selected using the CTRL0 register. Note that the
PFD pin is the inverse of the PFD pin generating a com-
plementary output and supplying more power to con-
nected interfaces such as buzzers. The PFDEN[1:0] in
CTRL0 register can select a single PFD pin or the com-
plimentary pair PFD and PFD for those devices with
dual outputs.
The Timer/Event Counter overflow signal is the clock
source for the PFD function, which is controlled by
PFDCS bit in CTRL0. For applicable devices the clock
source can come from either Timer/Event Counter 0 or
Timer/Event Counter 1. The output frequency is con-
trolled by loading the required values into the timer
prescaler and timer registers to give the required divi-
sion ratio. The counter will begin to count-up from this
preload register value until full, at which point an over-
flow signal is generated, causing both the PFD and PFD
outputs to change state. The counter will then be auto-
matically reloaded with the preload register value and
continue counting-up.
If the CTRL0 register has selected the PFD function,
then for both PFD outputs to operate, it is essential for
the Port A control register PAC, to setup the PFD pins as
outputs. If only one pin is setup as an output, the other
pin can still be used as a normal data input pin. How-
ever, if both pins are setup as inputs then the PFD will
not function. For devices with dual outputs the PFD out-
puts will only be activated if bit PA0 is set high. For de-
vices with a single PFD output, bit PA1 must be set high
to activate the PFD. These output data bits can be used
as the on/off control bit for the PFD outputs. Note that
the PFD outputs will all be low if the output data bit is
cleared to zero.
T i m e r O v e r f l o w
P F D C l o c k
P A 0 D a t a
P F D O u t p u t a t P A 0
PFD Function - Single Output
T i m e r O v e r f l o w
P F D C l o c k
P A 0 o r P A 1 D a t a
P F D O u t p u t a t P A 0
P F D O u t p u t a t P A 1
PFD Function - Complementary Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com