Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R064 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT48R064
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R064 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT48R064 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 51Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.30
51
June 11, 2010
· PWM Programming Example
The following sample program shows how the PWM0 output is setup and controlled.
mov a,64h
; setup PWM value of decimal 100
mov pwm0,a
set ctrl0.5
; select the 7+1 PWM mode
set ctrl0.3
; select pin PA4 to have a PWM function
clr pac.4
; setup pin PA4 as an output
set pa.4
; enable the PWM output
::
clr pa.4
; disable the PWM output _ pin
; PA4 forced low
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M m o d u l a t i o n p e r i o d : 1 2 8 / f S Y S
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
5 0 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
M o d u l a t i o n c y c l e 0
P W M c y c l e : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 0
7+1 PWM Mode
P W M R e g i s t e r
( 7 + 1 ) M o d e
b 7
b 0
A C v a l u e
D C v a l u e
PWM Register for 7+1 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com